Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet (PDF) - Texas Instruments

ADC12DL065 Datasheet PDF - Texas Instruments
Part # ADC12DL065
Download  ADC12DL065 Download
File Size   943.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter

ADC12DL065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DL065 Datasheet PDF - Texas Instruments

Part # ADC12DL065
Download  ADC12DL065 Click to download

File Size   943.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter

ADC12DL065 Datasheet (HTML) - Texas Instruments


ADC12DL065 Product details

FEATURES
• Single +3.3V Supply operation
• Internal Sample-and-Hold
• Internal Reference
• Outputs 2.4V to 3.6V Compatible
• Power Down Mode
• Duty Cycle Stabilizer
• Multiplexed Output Mode

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Communications Receivers
• Sonar/Radar
• xDSL
• Cable Modems
• DSP Front Ends

KEY SPECIFICATIONS
• Resolution: 12 Bits
• DNL: ±0.4 LSB (typ)
• SNR (fIN = 10 MHz): 69 dB (typ)
• SFDR (fIN = 10 MHz): 86 dB (typ)
• Data Latency: 7 Clock Cycles
• Power Consumption
– Operating: 360 mW (typ)
– Power Down Mode: 36 mW (typ)

DESCRIPTION
The ADC12DL065 is a dual, low power monolithic
CMOS analog-to-digital converter capable of
converting analog input signals into 12-bit digital
words at 65 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
digital error correction and an on-chip sample-and- hold circuit to minimize power consumption while
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
+3.3V power supply, the ADC12DL065 achieves 11.0
effective bits at nyquist and consumes just 360 mW
at 65 MSPS, including the reference current. The
Power Down feature reduces power consumption to
36 mW.
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
of a single-ended input. Full use of the differential
input is recommended for optimum performance. The
digital outputs from the two ADC's are available on a
single multiplexed 12-bit bus or on separate buses.
Duty cycle stabilization and output data format are
selectable using a quad state function pin. The output
data can be set for offset binary or two's complement.
To ease interfacing to lower voltage systems, the digital output driver power pins of the ADC12DL065
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage. This
device is available in the 64-lead TQFP package and
will operate over the industrial temperature range of
−40°C to +85°C. An evaluation board is available to
ease the evaluation process.




Similar Part No. - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC12DL065 TI1-ADC12DL065 Datasheet
879Kb / 35P
360mW A/D Converter
ADC12DL065 TI2-ADC12DL065 Datasheet
895Kb / 34P
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
REVISED APRIL 2013
ADC12DL065 TI2-ADC12DL065 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com