Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet (PDF) - Texas Instruments

ADC12DL065 Datasheet PDF - Texas Instruments
Part # ADC12DL065
Download  ADC12DL065 Download
File Size   990.8 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance Quad DVGA

ADC12DL065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DL065 Datasheet PDF - Texas Instruments

Part # ADC12DL065
Download  ADC12DL065 Click to download

File Size   990.8 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance Quad DVGA

ADC12DL065 Datasheet (HTML) - Texas Instruments


ADC12DL065 Product details

1FEATURES
2• OIP3: 49dBm at 200MHz
• Noise Figure: 8.5dB
• Voltage Gain: 26dB
• 1dB Gain Steps
• Enable Pins Active in SPI Mode
• −3dB Bandwidth of 1400 MHz
• Gain Step Accuracy: 0.2 dB
• Disable Function for Each Channel
• Parallel and Serial Gain Control
• Low Power Mode for Power Management
Flexibility
• Small Footprint WQFN Package

APPLICATIONS
• Cellular Base Stations
• Wideband and Narrowband IF Sampling
Receivers
• Wideband Direct Conversion
• ADC Driver

DESCRIPTION
The LMH6523 contains four, high performance,
digitally controlled variable gain amplifiers (DVGA). It
has been designed for use in narrowband and
broadband IF sampling applications. Typically, the
LMH6523 drives a high performance ADC in a broad
range of mixed signal and digital communication
applications such as mobile radio and cellular base
stations where automatic gain control (AGC) is
required to increase system dynamic range.
Each channel of LMH6523 has an independent,
digitally controlled attenuator and a high linearity,
differential output, amplifier. All circuitry has been
optimized for low distortion and maximum system
design flexibility. Power consumption is managed by
a three-state enable pin. Individual channels can be disabled or placed into a Low Power Mode or a
higher performance, High Power Mode. The enable
pin is active in both serial and parallel modes for
systems that require high speed power control.
The LMH6523 digitally controlled attenuator provides
precise 1dB gain steps over a 31dB range. The digital attenuator can be controlled by either a SPI™ Serial
bus or a high speed parallel bus.
The output amplifier has a differential output, allowing
large signal swings on a single 5V supply. The low
impedance output provides maximum flexibility when
driving a wide range filter designs or analog to digital
converters. For applications which have very large
changes in signal level LMH6523 can support up to
62dB of gain range by cascading channels.
The LMH6523 operates over the industrial temperature range of −40°C to 85°C. The LMH6523
is available in a 54-Pin, thermally enhanced, WQFN
package.




Similar Part No. - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC12DL065 TI1-ADC12DL065 Datasheet
879Kb / 35P
360mW A/D Converter
ADC12DL065 TI2-ADC12DL065 Datasheet
895Kb / 34P
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
REVISED APRIL 2013
ADC12DL065 TI2-ADC12DL065 Datasheet
943Kb / 35P
ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
REVISED APRIL 2013
More results


Similar Description - ADC12DL065

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
LMH6521 High Performance Dual DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
High Performance Quad DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
High Performance Dual DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
High Performance Dual DVGA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com