Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2740 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2740
Description  High Performance Low Cost Off-line PWM Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2740 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2740 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2740 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HM2740/HM2741
High Performance Low Cost Off-line PWM Power Switch
Absolute Maximum Ratings (Note 1)
Parameter
Value
Unit
Drain Pin Voltage Range
-0.3 to 650
V
VDD DC Supply Voltage
30
V
VDD DC Clamp Current
10
mA
FB, RT, CS Voltage Range
-0.3 to 7
V
Package Thermal Resistance ---Junction to Ambient (SOP-8)
165
°C/W
Maximum Junction Temperature
160
°C
Storage Temperature Range
-65 to 150
°C
Lead Temperature (Soldering, 10sec.)
260
°C
ESD Capability, HBM (Human Body Model)
3
kV
ESD Capability, MM (Machine Model)
250
V
Recommended Operation Conditions (Note 2)
Parameter
Value
Unit
Operating Ambient Temperature
-40 to 85
°C
Operation Switching Frequency
40 to 60
kHz
Electrical Characteristics (Ta = 25 , If Not Otherwise Noted)
℃
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
High Voltage Startup Section (HV Pin)
IHV
HV Charging Current
Drain=650V, VDD=0V
1
2
mA
IHV_leakage
HV Leakage Current
Drain=650V, VDD=12V
10
uA
Supply Voltage Section(VDD Pin)
VDD_ON
VDD Under Voltage Lockout
Exit
7.5
V
VDD_OFF
VDD Under Voltage Lockout
Enter
7.0
V
VDD_Reg1
VDD Regulation Voltage
FB is floating
11.8
12
12.2
V
IVDD_st
Start-up Current
No switching
100
300
uA
IVDD_Op
Operation Current
Fsw=60kHz
800
uA
IVDD_Q
Quiescent Current
200
uA
VDD_OVP
VDD OVP Threshold
28
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com