Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2740 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2740 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM2740
Download  HM2740 Download
File Size   1433.76 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High Performance Low Cost Off-line PWM Power Switch

HM2740 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM2740 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2740
Download  HM2740 Click to download

File Size   1433.76 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High Performance Low Cost Off-line PWM Power Switch

HM2740 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM2740 Product details

GENERAL DESCRIPTION
HM274X family is a high performance Switch Mode Power Supply Switcher for low power off-line application with minimum components in typical buck solution. This family has built-in high break down voltage MOSFET to withstand high surge input.
Unlike conventional PWM control, there’s no fixed internal clock in HM274X family to trigger the GATE driver, the switching frequency is changed according to the load conditon. The multi mode PWM control is integrated to simplify circuit design and achieve good line and load regulation without audio noise generated. The peak current limit changes according to the real load condition for low standby power in no load.
HM274X integrates functions and protections of Under Voltage Lockout (UVLO), Cycle-by-cycle Current Limiting (OCP), Output OVP, On-chip Thermal Shutdown, Over Load Protection (OLP), VDD OVP with Auto Recovery Mode Protection, etc.

FEATURES
● Integrated with 650V Pow er MOSFET and HV Startup Circuit
● Multi Mode Control with Audio Noise Free Operation
● Supports Buck and Buck-Boost Topologies
● Default 12V Output with FB floated
● Less than 50mW Standby Power
● Green Mode Operation for High Efficiency
● Good Line and Load Regulation
● Built-in Soft Start
● Build in Protections:
● Over Load Protection (OLP)
● Cycle-by-Cycle Current Limiting (OCP)
● Output OVP
● VDD OVP, UVLO & Clamp
● Available with SOP-8 Package




Similar Part No. - HM2740

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
HM274-73 CARLINGTECH-HM274-73 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-78 CARLINGTECH-HM274-78 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NBL3 CARLINGTECH-HM274-NBL3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NBL8 CARLINGTECH-HM274-NBL8 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NRD3 CARLINGTECH-HM274-NRD3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
More results


Similar Description - HM2740

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030X ORISTER-RS2030X Datasheet
292Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
BCD Semiconductor Manuf...
AP3902 BCDSEMI-AP3902 Datasheet
251Kb / 9P
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
logo
Orister Corporation
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3256 WINSEMI-WS3256 Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
logo
Shenzhen Huazhimei Semi...
HM2710 HMSEMI-HM2710 Datasheet
895Kb / 9P
High performance, low cost offline PWM control switch
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
High-performance low-cost PWM control power device
HM5011 HMSEMI-HM5011 Datasheet
610Kb / 10P
High-performance, low-cost offline PWM control power switch
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com