Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2711 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2711 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM2711
Download  HM2711 Download
File Size   1137.25 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High-performance low-cost PWM control power device

HM2711 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM2711 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2711
Download  HM2711 Click to download

File Size   1137.25 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High-performance low-cost PWM control power device

HM2711 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM2711 Product details

description
HM2711 is a high-performance low-cost PWM control power device, suitable for Used in offline low-power step-down applications, with simple peripheral circuits Single, the number of devices is small. At the same time, the product has built-in high withstand voltage MOSFET It can improve the surge tolerance of the system. Different from the traditional PWM controller, there is no fixed time inside HM2711 The clock drives MOSFET, the system switching frequency changes with the load to be realistic It is adjusted automatically. At the same time, the chip adopts multi-mode PWM control Technology effectively simplifies the design of peripheral circuits and improves linear adjustment Rate and load adjustment rate and eliminate audible noise during system operation.  In addition, the internal peak current detection threshold of the chip can follow the actual negative Automatic adjustment of load conditions can effectively reduce the waiting time under no-load conditions. Machine power consumption. HM2711 integrates a complete protection function with self-recovery function: VDD undervoltage protection, cycle-by-cycle current limit, output overvoltage protection, Overheating protection, overload protection and VDD overvoltage protection, etc.

Main features,
● Integrated 650V high voltage start circuit
● Multi-mode control, no abnormal sound work
● Support buck and buck-boost topologies
● Default 12V output (FB pin is floating)
● Standby power consumption is less than 50mW
● Good linear adjustment rate and load adjustment rate
● Integrated soft start circuit
● Internal protection function:
    Overload protection (OLP)
    Cycle-by-cycle current limit (OCP)
    Output overvoltage protection (OVP)
    VDD overvoltage, undervoltage and voltage clamp protection




Similar Part No. - HM2711

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HM271-73 LITTELFUSE-HM271-73 Datasheet
455Kb / 4P
H/I-Series
logo
Carling Technologies
HM271-73 CARLINGTECH-HM271-73 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
logo
Littelfuse
HM271-78 LITTELFUSE-HM271-78 Datasheet
455Kb / 4P
H/I-Series
logo
Carling Technologies
HM271-78 CARLINGTECH-HM271-78 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM271-NBL3 CARLINGTECH-HM271-NBL3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
More results


Similar Description - HM2711

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
Low Cost / High Performance
logo
Jingjing Microelectroni...
EG1120 EGMICRO-EG1120 Datasheet
457Kb / 10P
HIgh-Performance ExclusIon PWM Control Switch
logo
Shenzhen Huazhimei Semi...
HM2710 HMSEMI-HM2710 Datasheet
895Kb / 9P
High performance, low cost offline PWM control switch
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
High Performance Low Cost Off-line PWM Power Switch
HM5011 HMSEMI-HM5011 Datasheet
610Kb / 10P
High-performance, low-cost offline PWM control power switch
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com