Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2710 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2710 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM2710
Download  HM2710 Download
File Size   895.33 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High performance, low cost offline PWM control switch

HM2710 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM2710 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2710
Download  HM2710 Click to download

File Size   895.33 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High performance, low cost offline PWM control switch

HM2710 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM2710 Product details

Product Description
HM2710 is a non-isolated, highly integrated and low-cost PWM power switch, suitable for buck and buck-boost circuits.
HM2710 Adopt high-pressure single-wafer process to integrate on the same wafer It has 500V high voltage MOSFET and adopts switching peak current mode Type control controller. Guaranteed in the range of full voltage input High-precision 5V default output. Inside the chip, the oscillator frequency is fixed Set to 31kHz and with frequency jittering function, in the guarantee of output power Optimized the EMI effect under the software. At the same time, the chip design has light and heavy load modes It can easily obtain standby power consumption of less than 50mW.
HM2710 Integrated with complete protection functions: VDD undervoltage protection,Cycle-by-cycle current limit, overheat protection, overload protection and short circuit protection Wait.


features
● High precision 5V default output
● Integrated 500V high voltage MOSFET and high voltage start circuit
● Ultra-low system cost
● Support buck and buck-boost circuits
● Switched peak current mode control
● Ultra-low standby power consumption is less than 50mW
● Ultra-low working current, support small VDD capacitor
● Integrated 31KHz oscillator with frequency jitter
● Integrated soft start circuit
● Integrated protection function:
     ■ Overload protection (OLP)
     ■ Overheat protection (OTP)
     ■ Cycle-by-cycle current limit (OCP)
     ■ Leading edge blanking (LEB)
     ■ VDD under-voltage protection
● Optional packages TO-92 and SOT23-3L




Similar Part No. - HM2710

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2710A HMSEMI-HM2710A Datasheet
1Mb / 5P
PWM Coverter Cotrol Circuits
HM2710AGA HMSEMI-HM2710AGA Datasheet
1Mb / 5P
PWM Coverter Cotrol Circuits
HM2710APA HMSEMI-HM2710APA Datasheet
1Mb / 5P
PWM Coverter Cotrol Circuits
More results


Similar Description - HM2710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
Low cost, high performance , high reliability
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
Low Cost / High Performance
logo
Jingjing Microelectroni...
EG1120 EGMICRO-EG1120 Datasheet
457Kb / 10P
HIgh-Performance ExclusIon PWM Control Switch
logo
Shenzhen Huazhimei Semi...
HM2720 HMSEMI-HM2720 Datasheet
1Mb / 11P
High precision, high efficiency, low cost offline power switch
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
High Performance Low Cost Off-line PWM Power Switch
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
High-performance low-cost PWM control power device
HM5011 HMSEMI-HM5011 Datasheet
610Kb / 10P
High-performance, low-cost offline PWM control power switch
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com