Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNB-2012 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADNB-2012 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Pinout
Pin
Name
PS/2 Mode
Quadrature Mode
1
PS2_C
PS/2 Interface Clock
PS/2 Interface Clock
2
MODE/XA
Select PS/2 Mode
XA Output
3
RB/XB
Right Button Input
XB Output
4
MB/YB
Middle Button Input
YB Output
5
LB/YA
Left Button Input
YA Output
6
XY_LED
LED Control Output
LED Control Output
7
VDD3
3.3 VDC Input
3.3 VDC Input
8
REFB
Internal Reference
Internal Reference
9
OSC1
Oscillator Input
Oscillator Input
10
GND
Ground
Ground
11
OSC2
Oscillator Output
Oscillator Output
12
GND
Ground
Ground
13
VDD5
5 VDC Input
5 VDC Input
14
VDD5
5 VDC Input
5 VDC Input
15
NRESET
NRESET
NRESET
16
PS2_D
PS/2 Interface Data
PS/2 Interface Data
Figure 3.
2D Assembly Drawing of ADNS-2001
Shown with HDNS-2100, HDNS-
2200, and HLMP-ED80.
Agilent provides an IGES file
drawing describing the base plate
molding features for lens and
PCB alignment. Please contact
sales representative or visit our
web site. Also, see HDNS-2100
Technical Data Sheet for more
information.
19.10
(0.752)
44.29
(1.744)
ESD LENS RING
BASE PLATE
+x
+y
13.82
(0.544)
14.58
(0.574)
10.58
(0.417)
7.45
(0.293)
BASE PLATE
ALIGNMENT POST
SENSOR
PCB
CLIP
PLASTIC SPRING
SURFACE IS 0 REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com