Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNB-2012 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADNB-2012
Download  ADNB-2012 Download
File Size   203.97 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optical Mouse Sensor

ADNB-2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADNB-2012 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADNB-2012
Download  ADNB-2012 Click to download

File Size   203.97 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optical Mouse Sensor

ADNB-2012 Datasheet (HTML) - Agilent(Hewlett-Packard)


ADNB-2012 Product details

Description
The ADNS-2001 is a low-cost reflective optical sensor that provides a non-mechanical tracking engine for implementing a computer mouse.

Features
• Optical navigation technology
    – Superior precision and smooth navigation optimized for desktop and portable mouse applications
    – No mechanical moving parts, provides high reliability and needs no maintenance
• Complete compact 2-D motion sensor
    – Easy implementation and design flexibility
    – Replaces mechanical ball system in traditional mice
• Two selectable output modes
    – Two channel quadrature output mode (X and Y direction) which emulates encoder phototransistors
    – Standard 3-button PS/2 output mode
• High speed motion detector
    – Accurately measures up to 16 inches per second at 400 cpi
• Accurate navigation over a wide range of surfaces
    – Enables mouse to be used with or without a mouse pad
• Power conservation mode during no motion
• Compatible with high volume manufacturing processes
    – Requires no precision optical alignment
    – Wave solderable
• 33% faster than HDNS-2000
    – 2000 fps (@ 24 MHz)

Applications
• Computer mice for desktop PCs, workstations, and portable computers
• Trackball
• Integrated input devices




Similar Part No. - ADNB-2012

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNB-3081 HP-ADNB-3081 Datasheet
512Kb / 40P
High-performance Optical Mouse Sensor
ADNB-3082 HP-ADNB-3082 Datasheet
512Kb / 40P
High-performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-3532 AVAGO-ADNB-3532 Datasheet
2Mb / 27P
Low Power LED Integrated Slim Mouse Sensor
ADNB-3552 AVAGO-ADNB-3552 Datasheet
619Kb / 28P
Low Power LED Integrated Slim Mouse Sensor
ADNB-6002 AVAGO-ADNB-6002 Datasheet
55Kb / 4P
Agilent Optical Mouse Sensors (LED-based Sensors) Selection Guide
More results


Similar Description - ADNB-2012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
ADNS-2610 BOARDCOM-ADNS-2610 Datasheet
569Kb / 27P
Optical Mouse Sensor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com