Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV652D Datasheet(PDF) 13 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 13 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 9Page - SPANSION AM29LV652D Datasheet HTML 10Page - SPANSION AM29LV652D Datasheet HTML 11Page - SPANSION AM29LV652D Datasheet HTML 12Page - SPANSION AM29LV652D Datasheet HTML 13Page - SPANSION AM29LV652D Datasheet HTML 14Page - SPANSION AM29LV652D Datasheet HTML 15Page - SPANSION AM29LV652D Datasheet HTML 16Page - SPANSION AM29LV652D Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
October 29, 2004
Am29LV652D
11
PRELI M INARY
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase op-
eration, RY/BY# remains a “0” (busy) until the internal
reset operation is complete, which requires a time of
tREADY (during Embedded Algorithms). The system can
thus monitor RY/BY# to determine whether the reset
operation is complete. If RESET# is asserted when a
program or erase operation is not executing (RY/BY#
is “1”), the reset operation is completed within a time
of tREADY (not during Embedded Algorithms). The sys-
tem can read data tRH after RESET# returns to VIH.
Refer to the “AC Characteristics” on page 39 tables for
RESET# parameters and to Figure 14, on page 40 for
the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The outputs are placed in the high
impedance state.
Table 2. Sector Address Table for CE# (Sheet 1 of 4)
Sector
A22
A21
A20
A19
A18
A17
A16
8-bit Address Range
(in hexadecimal)
SA0
0000000
000000–00FFFF
SA1
0000001
010000–01FFFF
SA2
0000010
020000–02FFFF
SA3
0000011
030000–03FFFF
SA4
0000100
040000–04FFFF
SA5
0000101
050000–05FFFF
SA6
0000110
060000–06FFFF
SA7
0000111
070000–07FFFF
SA8
0001000
080000–08FFFF
SA9
0001001
090000–09FFFF
SA10
0001010
0A0000–0AFFFF
SA11
0001011
0B0000–0BFFFF
SA12
0001100
0C0000–0CFFFF
SA13
0001101
0D0000–0DFFFF
SA14
0001110
0E0000–0EFFFF
SA15
0001111
0F0000–0FFFFF
SA16
0010000
100000–10FFFF
SA17
0010001
110000–11FFFF
SA18
0010010
120000–12FFFF
SA19
0010011
130000–13FFFF
SA20
0010100
140000–14FFFF
SA21
0010101
150000–15FFFF
SA22
0010110
160000–16FFFF
SA23
0010111
170000–17FFFF
SA24
0011000
180000–18FFFF
SA25
0011001
190000–19FFFF
SA26
0011010
1A0000–1AFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com