Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV652D Datasheet(PDF) 21 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 21 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 17Page - SPANSION AM29LV652D Datasheet HTML 18Page - SPANSION AM29LV652D Datasheet HTML 19Page - SPANSION AM29LV652D Datasheet HTML 20Page - SPANSION AM29LV652D Datasheet HTML 21Page - SPANSION AM29LV652D Datasheet HTML 22Page - SPANSION AM29LV652D Datasheet HTML 23Page - SPANSION AM29LV652D Datasheet HTML 24Page - SPANSION AM29LV652D Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
October 29, 2004
Am29LV652D
19
PRELI M INARY
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires VID (8.5 V to 12.5 V) on address A9.
Addresses A6, A1, and A0 must be as shown in
Table 4, on page 19. In addition, when verifying sector
protection, the sector address must appear on the ap-
propriate highest order address bits (see Table 2, on
page 11 and Table 3, on page 15). Table 4 shows the
remaining address bits that are don’t care. When all
necessary bits have been set as required, the pro-
gramming equipment may then read the correspond-
ing identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10, on page 30.
This method does not require VID. Refer to the “Au-
toselect Command Sequence” on page 26 section for
more information.
Table 4. Am29LV652D Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Notes:
1. CE# can be replaced with CE2# when referring to the second die in the package.
2. The device ID’s used for the Am29LV652 are the same as the Am29LV065, because the Am29LV652 uses two Am29LV065
dice and appears to the system as two Am29LV065 devices.
Description
CE# OE# WE#
A22
to
A16
A15
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7 to DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XLX
L
L
01h
Device ID: Am29LV652D
L
L
H
X
X
VID
XLX
L
H
93h
Sector Protection
Verification
LL
H
SAX
VID
XLX
H
L
01h (protected),
00h (unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com