Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61530FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61530FP
Description  4ch Electronic Volume with 5.1ch Analog Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61530FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61530FP Datasheet HTML 9Page - Renesas Technology Corp M61530FP Datasheet HTML 10Page - Renesas Technology Corp M61530FP Datasheet HTML 11Page - Renesas Technology Corp M61530FP Datasheet HTML 12Page - Renesas Technology Corp M61530FP Datasheet HTML 13Page - Renesas Technology Corp M61530FP Datasheet HTML 14Page - Renesas Technology Corp M61530FP Datasheet HTML 15Page - Renesas Technology Corp M61530FP Datasheet HTML 16Page - Renesas Technology Corp M61530FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M61530FP
Rev.1.0, Sep.19.2003, page 13 of 18
Functional description
(1) Equivalent circuit of the bass-boost circuit
Output
0dB
G0
F0
Q=4 (G=10dB)
Input
+K
K=1
R2
C2
C1
VO
R1
VI N
Note: Resistor R2 is within the IC. (R2 214k
Ω ± 30%)
fo =
2
π R1R2C1C2
1
Hz
Q =
R1(C1+C2)+(1-K)R2C2
R1R2C1C2
Amplitude characteristics of the second-order high-pass filter (reference)
Q
G0
1
0 to1dB
2
6dB
4
10dB
5
13dB
10
20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com