Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61530FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61530FP
Description  4ch Electronic Volume with 5.1ch Analog Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61530FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61530FP Datasheet HTML 1Page - Renesas Technology Corp M61530FP Datasheet HTML 2Page - Renesas Technology Corp M61530FP Datasheet HTML 3Page - Renesas Technology Corp M61530FP Datasheet HTML 4Page - Renesas Technology Corp M61530FP Datasheet HTML 5Page - Renesas Technology Corp M61530FP Datasheet HTML 6Page - Renesas Technology Corp M61530FP Datasheet HTML 7Page - Renesas Technology Corp M61530FP Datasheet HTML 8Page - Renesas Technology Corp M61530FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M61530FP
Rev.1.0, Sep.19.2003, page 2 of 18
System Block Diagram
L-LPF
R-LPF
FL-LPF
FR-LPF
SL-LPF
SR-LPF
C-LPF
SW-LPF
AGC
0,+5,+10dB
0,+5,+10dB
+6dB
+6dB
+6dB
SLchVOL
SRchVOL
CchVOL
LFEchVOL
0,+6, +9,+12dB
VOL
VOL
LI N
RIN
LOUT
ROUT
SLOUT
SROUT
COUT
SWOUT
FLIN
FRIN
SLIN
SRIN
CIN
LFEIN
SWIN
SL_EXTIN
SR_EXTIN
M61519FP
M 61530FP
Bass
booster
Bass
booster
Tone
Tone
Surround
or
DPL
buffer
Input
selector
Input
selector
Bass booster
Bass booster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com