Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6543 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6543
Description  PDA BACKLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6543 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6543 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HM6543
P.1
DUAL VOLTAGE
HIGH BRIGHTNESS
EL DRIVER IC
GENERAL DESCRIPTION
FEATURE
The HM6543 is specially designed as
a dual voltage high brightness
Electroluminescent Lamp Driver IC.
Built-in RC OSC,transistors and
Only requires 4~5 extemal components.
It is capable of supplying up to 250VPP
Signals with 1Μa low standby current.
Separate voltage supply for Driver IC and
The Electroluminescent Lamp to attain
Maximum brightness.
*BIPOLAR TECHOLGY
*DUAL OPERATING VOLTAGE:
3.0V~5.0V DC
3.0V-12.0V DC
*TOTAL SUPPLY CURRENT:
100mA(at Vddl=5.0V, Vddz=8.0V)
*Built-in RC OSC & TRANSISTORS
*EL FREQUENCY more suitable for
BLUE Electroluminescent Lamp
*Low Current Standby Mde
APPLICATIONS
*PDA BACKLIGHT
*HANDHELD COMPUTER LCD BACKLIGHT
*LCD DISPLAY PANEL FOR INSTRUMENTATION APPARATUS
ABSOLUTE MAXIMUM RATINGS
Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Vdd1……………………………………………………………………..……7.0V
Vdd2……………………………………………………………………..……12.0V
Input Voltages/Current
HON (pin 1) ……………………………-0.5V to (Vdd + 0.5V)
COIL (pin 3) …………………………….….……….. 300mA
Lamp Outputs …………………………………………….………………..250 Vpp
Power Dissipation ………………………………………………………… 500mW


Similar Part No. - HM6543

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6540 HMSEMI-HM6540 Datasheet
1Mb / 11P
CELLULAR PHONE LCD BACKLIGHT
More results

Similar Description - HM6543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
PDA ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
PDA ANALOG INTERFACE CIRCUIT
logo
List of Unclassifed Man...
ATJ2001 ETC1-ATJ2001 Datasheet
893Kb / 25P
ATJ2001 PDA MP3 Decoder
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
PDA ANALOG INTERFACE CIRCUIT
logo
Advantech Co., Ltd.
PWS-440 ADVANTECH-PWS-440_15 Datasheet
1Mb / 2P
3.7" Ultra Rugged PDA
logo
Texas Instruments
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
logo
Wurth Elektronik GmbH &...
784771068 WURTH-784771068 Datasheet
307Kb / 6P
WE-PDA SMD Shielded Power
logo
LIGITEK electronics co....
L-04201G-B LIGITEK-L-04201G-B Datasheet
272Kb / 1P
BACKLIGHT
L-05603G-B LIGITEK-L-05603G-B Datasheet
236Kb / 1P
BACKLIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com