Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6543 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6543
Description  PDA BACKLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6543 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6543 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6543 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HM6543
P.2
DUAL VOLTAGE
HIGH BRIGHTNESS
EL DRIVER IC
SPECIFICATION
(T=25℃, Vdd1=5.0V, Vdd2=8.0V Lamp Capacitacnce=30nF, Coil=680µf (R=5.5 ohms),
COSC=150pF, unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
Supply Voltage, Vdd1
3.0
-
5.0
V
Supply Voltage, VDd2
3.0
-
12.0
V
Total Supply Current
-
-
100
mA
HON=5.0V
Vdd1=5.0V
Vdd2=8.0V
Quiescent Supply
Current
-
100
1000
nA
HON=0V
Vdd1=5.0V
Vdd2=12.0V
Hon Voltage, On
Vdd1-0.5
-
Vdd1
V
Hon Current, On
-
15
60
uA
Hon Voltage, Off
-
-
Vdd1-4
V
Vdd1=5.0V
INDUCTOR DRIVE
Peak Coil Current,
Ipk-coil
-
-
300
mA
Coil Duty Cycle
75
%
EL LAMP OUTPUT
EL Lamp
Frequescy,flamp
200
400
600
Hz
Vdd1=5.0V;
Vdd2=8.0V
Peak to Peak
Output Voltage
110
160
-
Vpp
Vdd1=5.0V;
Vdd2=8.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com