Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD2140
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140 Datasheet(HTML) 1 Page - Analog Devices

  ADPD2140 Datasheet HTML 1Page - Analog Devices ADPD2140 Datasheet HTML 2Page - Analog Devices ADPD2140 Datasheet HTML 3Page - Analog Devices ADPD2140 Datasheet HTML 4Page - Analog Devices ADPD2140 Datasheet HTML 5Page - Analog Devices ADPD2140 Datasheet HTML 6Page - Analog Devices ADPD2140 Datasheet HTML 7Page - Analog Devices ADPD2140 Datasheet HTML 8Page - Analog Devices ADPD2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Infrared Light Angle Sensor
Data Sheet
ADPD2140
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2-axis light angle measurement
Linear response to the angle of incident light
Integrated visible light blocking optical filter
No optics required and no need for precise alignment
Low junction capacitance: 12.7 pF per channel at VR = 0.2 V
Low reverse dark current: 1.74 pA at VR = 0.2 V (all four
channels connected in parallel)
8-lead, 2 mm × 3 mm, 0.65 mm height, LFCSP
APPLICATIONS
Gesture for user interface control in portable devices
Object location tracking
Industrial and automation monitoring
Angle sensing
Proximity sensing
Object distance measurement (triangulation)
FUNCTIONAL BLOCK DIAGRAM
5
6
7
4
PDC
XR
XL
YB
YT
8
ADPD2140
Figure 1.
GENERAL DESCRIPTION
The ADPD2140 is an optical sensor that measures the angle of
incident infrared light. Light angles calculated from the ADPD2140
response are linear to ±5° within an angular field of view of ±35°.
The ADPD2140 has a radiant sensitive area of 0.31 mm2. The
low junction capacitance and low dark current of the ADPD2140
allows optimal integration with the ADPD1080 photometric
front end. The ADPD2140 can be used with a synchronous
infrared light source such as a light emitting diode (LED) to
detect user hand movements for gesture recognition. The
ADPD2140 requires four photodiode channels. Therefore, use
the ADPD1080BCPZ with the ADPD2140.
Packaged in a small, clear mold, 2 mm × 3 mm, 8-lead LFCSP,
the ADPD2140 is specified over the −40°C to +85°C operating
temperature range.


Similar Part No. - ADPD2140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2140W AD-ADPD2140W Datasheet
222Kb / 10P
Infrared Light Angle Sensor
12/2018-Revision 0
ADPD2140WBCPZN-R7 AD-ADPD2140WBCPZN-R7 Datasheet
222Kb / 10P
Infrared Light Angle Sensor
12/2018-Revision 0
ADPD2140WBCPZN-RL AD-ADPD2140WBCPZN-RL Datasheet
222Kb / 10P
Infrared Light Angle Sensor
12/2018-Revision 0
More results

Similar Description - ADPD2140

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
Infrared Light Emitting Diode
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
OPR2800V OPTEK-OPR2800V Datasheet
170Kb / 3P
Infrared Light Emitting VCSEL
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
infrared light emitting diode
logo
Marktech Corporate
MTRS9520 MARKTECH-MTRS9520_15 Datasheet
609Kb / 3P
Infrared Light Photo Reflector
logo
Roithner LaserTechnik G...
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
Infrared Light Emitting Diode
logo
Analog Devices
ADPD2140W AD-ADPD2140W Datasheet
222Kb / 10P
Infrared Light Angle Sensor
12/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com