Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPD2140
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140 Datasheet(HTML) 3 Page - Analog Devices

  ADPD2140 Datasheet HTML 1Page - Analog Devices ADPD2140 Datasheet HTML 2Page - Analog Devices ADPD2140 Datasheet HTML 3Page - Analog Devices ADPD2140 Datasheet HTML 4Page - Analog Devices ADPD2140 Datasheet HTML 5Page - Analog Devices ADPD2140 Datasheet HTML 6Page - Analog Devices ADPD2140 Datasheet HTML 7Page - Analog Devices ADPD2140 Datasheet HTML 8Page - Analog Devices ADPD2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADPD2140
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All specifications listed for the sum of all four photodiode channels, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ELECTRICAL SPECIFICATIONS
Forward Voltage
VF
Forward current (IF) = 10 mA
0.75
V
Reverse Dark Current
ID
Reverse voltage (VR) = 0.2 V,
TA = 20°C
1.74
pA
Junction Capacitance per Channel
CD
VR = 0.2 V, frequency = 100 kHz
12.7
pF
Rise Time
tR
Load resistance (RL) = 50 Ω,
λ = 880 nm
227
ns
Fall Time
tF
RL = 50 Ω, λ = 880 nm
228
ns
OPTICAL SPECIFICATIONS
Radiant Sensitive Area
AD
0.31
mm2
Angle of Half Sensitivity
φ
±60
Degrees
Wavelength of Peak Sensitivity
λP
850
nm
Spectral Bandwidth
λ10%
800 to 1080
nm
Spectral Responsivity
S880
λ = 880 nm
0.43
A/W
S940
λ = 940 nm
0.32
A/W
Angular Slope
M
0.00631
Ratio/°
Angular Zero Crossing Offset
Z
±5
Degrees
Angular Field of View
FOV
Linearity within ±5°
±35
Degrees
TEMPERATURE RANGE
Operating
−40
+85
°C
Storage
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com