Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140BCPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD2140BCPZN-R7
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140BCPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD2140BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADPD2140
Rev. 0 | Page 7 of 12
THEORY OF OPERATION
ANGULAR RESPONSE
The ADPD2140 consists of arrays of silicon p-type, intrinsic,
n-type (PIN) photodiodes that provide a linear measurement of
incident infrared light angle. There are four separate channels on
the ADPD2140, each corresponding to one photodiode.
The ADPD2140 enables a 2-axis light angle measurement, in
both the x and y direction. To calculate angles in the x and y
direction with respect to the sensor use the four photodiode
channels (xL, xR, yT, and yB) and the following equations:
x = (xL − xR)/(xL + xR)
(1)
y = (yT − yB)/(yT + yB)
(2)
The resulting quantities (x and y) are ratios related to angles
through a constant term, M. Calculate angles in the horizontal and
vertical direction by dividing x and y by the constant term, M
(see Table 1). Angles measured by the ADPD2140 are linear to ±5°
within an angular field of view of ±35° and zero crossing offset at
±5°, as seen in Figure 9. The directionality when using Equation 1
and Equation 2 is shown in Figure 10, which indicates positive
angles in the x and y directions.
ADPD2140
x
y
Figure 10. Directionality Response
The ADPD2140 is typically used in conjunction with a LED or
laser emitter operating at a near infrared wavelength. The
ADPD2140 provides light angle measurement without the need
for an external lens. An external lens is neither required nor
recommended for operation.
An integrated visible light blocking optical filter on the ADPD2140
provides built in rejection of unwanted visible ambient light
signals, such as sunlight and indoor lighting. Figure 7 shows the
combined responsivity of the ADPD2140 with the integrated
optical filter.
The low junction capacitance and low dark current of the
ADPD2140 allows optimal integration with the ADPD1080
photometric front end. This complete solution offers additional
ambient light rejection, low power operation, and analog-to-digital
conversion of the ADPD2140 analog signals.
TYPICAL CONNECTION DIAGRAM
Figure 11 shows the ADPD2140 connections with the ADPD1080
photometric front end. With up to eight photodiode input
channels, the ADPD1080 is a preferred choice for the analog
front end for interfacing with the ADPD2140. In this configuration,
the ADPD2140 and ADPD1080 solution can operate using
synchronous LED pulses to detect the angle of light reflected from
objects or used in ambient measurement mode to provide a
measure of the incident angle of an ambient or other unsyn-
chronized light source. For reference, the optimal choice of
reverse bias for typical operation with the ADPD2140 is 0.2 V.
GPIO0
GPIO1
DVDD
AGND
VREF
AVDD
PD1
YT YB XL
PDC
XR
ADPD2140
PD8
NIC
NIC
NIC
NIC
NIC
NIC
1
7
21
15
28
22
8
14
ADPD1080
TOP VIEW
(Not to Scale)
4.7µF
VLED1
I2C BUS
TO/FROM
HOST PROCESSOR
POWER-DOWN
CONTROL
0.1µF
0.1µF
0.1µF
1.8V
Figure 11. Typical Connection Diagram for the ADPD2140 and the
ADPD1080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com