Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140BCPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD2140BCPZN-R7
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140BCPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD2140BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADPD2140BCPZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADPD2140
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
TOP VIEW
8
1
5
4
0.28
0.23
0.18
BOTTOM VIEW
0.70
0.65
0.60
1.99
1.89
1.74
1.69
1.59
1.44
0.15 REF
0.15 MIN
0.05 MAX
0.02 NOM
0.45 BSC
2.10
2.00
1.90
3.10
3.00
2.90
COPLANARITY
0.08
0.35
0.30
0.25
PIN 1 INDEX
AREA
SEATING
PLANE
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
SIDE VIEW
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 15. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 3 mm Body and 0.65 mm Package Height
(CP-8-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADPD2140BCPZN-R7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-17
ADPD2140BCPZN-RL
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-17
EVAL-ADPD2140Z
ADPD2140 Evaluation Board
1 Z = RoHS Complaint Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16403-0-8/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com