Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140WBCPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD2140WBCPZN-R7
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140WBCPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD2140WBCPZN-R7 Datasheet HTML 2Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 3Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 4Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 5Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 6Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 7Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 8Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 9Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
ADPD2140W
Rev. 0 | Page 7 of 10
THEORY OF OPERATION
ANGULAR RESPONSE
The ADPD2140W consists of arrays of silicon p type, intrinsic,
n type (PIN) photodiodes that provide a linear measurement of
incident infrared light angle. There are four separate channels on
the ADPD2140W, each corresponding to one photodiode.
The ADPD2140W enables a 2-axis light angle measurement, in
both the x and y direction. To calculate angles in the x and y
direction with respect to the sensor use the four photodiode
channels (xL, xR, yT, and yB) and the following equations:
x = (xL − xR)/(xL + xR)
(1)
y = (yT − yB)/(yT + yB)
(2)
The resulting quantities (x and y) are ratios related to angles
through a constant term. These quantities can be seen as a function
of incident light angle in Figure 4. The directionality when using
Equation 1 and Equation 2 is shown in Figure 10, which indicates
positive angles in the x and y directions.
ADPD2140W
+x
PIN 1
+y
Figure 10. Directionality Response As Viewed from Top
The ADPD2140W is typically used in conjunction with an LED
or laser emitter operating at a near infrared wavelength. The
ADPD2140W provides light angle measurement without the
need for an external lens. An external lens is neither required nor
recommended for operation.
An integrated visible light blocking optical filter on the
ADPD2140W provides built in rejection of unwanted visible
ambient light signals, such as sunlight and indoor lighting.
Figure 7 shows the responsivity of the ADPD2140W with its
integrated optical filter.
The low diode capacitance and low dark current of the
ADPD2140W allows optimal integration with the ADPD1080
photometric front end. This complete solution offers additional
ambient light rejection, low power operation, and analog-to-digital
conversion of the ADPD2140W analog signals.
TYPICAL CONNECTION DIAGRAM
Figure 11 shows the ADPD2140W connections with the
ADPD1080 photometric front end. With up to eight photodiode
input channels, the ADPD1080 is a preferred choice for the
analog front end for interfacing with the ADPD2140W. In this
configuration, the ADPD2140W and ADPD1080 solution can
operate using synchronous LED pulses to detect the angle of light
reflected from objects or be used in ambient measurement mode
to provide a measure of the incident angle of an ambient or
other unsynchronized light source.
The bias voltage, VB, applied across any of the anodes (YT, YB, XL,
or XR) and the cathode (PDC) is denoted as positive from an
anode to the cathode. The reverse bias voltage, VR, is denoted as
positive from the cathode to an anode. For reference, the optimal
choice of reverse bias for typical operation with the ADPD2140W
is VR = 0.25 V.
GPIO0
GPIO1
DVDD
AGND
VREF
AVDD
PD1
YT YB XL
PDC
XR
ADPD2140W
PD8
NIC
NIC
NIC
NIC
NIC
NIC
1
7
21
15
28
22
8
14
ADPD1080
TOP VIEW
(Not to Scale)
4.7µF
VLED1
I2C BUS
TO/FROM
HOST PROCESSOR
POWER-DOWN
CONTROL
0.1µF
0.1µF
1µF
1.8V
Figure 11. Typical Connection Diagram for the ADPD2140W and the
ADPD1080



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com