Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2140WBCPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD2140WBCPZN-R7
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140WBCPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD2140WBCPZN-R7 Datasheet HTML 2Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 3Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 4Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 5Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 6Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 7Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 8Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 9Page - Analog Devices ADPD2140WBCPZN-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADPD2140W
Data Sheet
Rev. 0 | Page 10 of 10
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADPD2140WBCPZN-R7
−40°C to +105°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-17
ADPD2140WBCPZN-RL
−40°C to +105°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-17
EVAL-ADPD2140Z
ADPD2140W Evaluation Board
1 Z = RoHS Complaint Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADPD2140W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16548-0-12/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com