Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ARWZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1071-2ARWZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ARWZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1071-2ARWZ-R7 Datasheet HTML 5Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 6Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 7Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 8Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 9Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 10Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 9 of 27
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GATE 1
AGND1 2
VREG1 3
MODE 4
SR
16
AGND2
15
VREG2
14
VDD2
13
EN 5
OVP
12
CS 6
FB
11
RT 7
COMP
10
SYNC 8
SS2
9
ADP1071-1
(Not to Scale)
TOP VIEW
Figure 2. ADP1071-1 SOIC_W Pin Configuration
GATE 1
AGND1 2
VREG1 3
VIN 4
SR
16
AGND2
15
VREG2
14
VDD2
13
EN 5
OVP
12
CS 6
FB
11
RT 7
COMP
10
SYNC 8
SS2
9
ADP1071-2
(Not to Scale)
TOP VIEW
Figure 3. ADP1071-2 SOIC_W Pin Configuration
Table 9. Pin Function Descriptions, Wide-Body SOIC
Pin No.
Mnemonic
Description
ADP1071-1
ADP1071-2
1
1
GATE
Driver Output for the Main Power MOSFET on the Primary Side. GATE is a multiple function
pin. Connect a resistor from GATE to AGND1 to set up the open loop soft start time.
2
2
AGND1
Ground for the Primary Side.
3
3
VREG1
8 V Regulated Low Dropout (LDO) Output for the MOSFET Driver. Connect 1 μF or greater
from VREG1 to AGND1.
4
Not
applicable
MODE
Light Load Mode Pin. ADP1071-1 Only. This pin sets the light load mode threshold. Connect
MODE to AGND1 to enable forced continuous conduction mode (CCM), or to a high logic (2.5 V
or higher) to force an LLM operation, or to a resistor to set up an LLM threshold voltage.
Not
applicable
4
VIN
Input Voltage (ADP1071-2 Only). See the Primary Side Supply, Input Voltage, and LDO section.
Connect a 4.7 μF capacitor to this pin. The size of this capacitor can be reduced if the input
voltage to this pin is guaranteed stable. Reference this pin to AGND1.
5
5
EN
Precision Enable Input. The controller is enabled when EN is above the EN threshold voltage.
This pin also has a programmable EN hysteresis. This pin is referenced to AGND1.
6
6
CS
Input Current Sensing. This pin senses the input PWM current. Place a current sense resistor
between the source terminal of the power MOSFET and AGND1. This current sense resistor
sets up the input current limit. This pin is also used for the external slope compensator.
Connect a resistor from CS to the current sense resistor to generate a voltage ramp for the
slope compensation. Reference this pin to AGND1. Connect a 33 pF to 100 pF capacitor at this
pin to act as a resistor capacitor (RC) filter along with the slope compensation resistor in noisy
environments.
7
7
RT
Switching Period Resistor. Connect a resistor from RT to AGND1 to set the oscillator frequency.
8
8
SYNC
Frequency Synchronization. Connect an external clock to the SYNC pin to synchronize the
internal oscillator to this external clock frequency. Connect SYNC to AGND1 if this feature is
not used. It is recommended that the SYNC frequency be within 10% of the frequency set by
the RT pin.
9
9
SS2
Soft Start on the Secondary Side. Connect a capacitor from SS2 to AGND2 to set up the soft
start time on the secondary side.
10
10
COMP
Compensation Node on the Secondary Side. This pin is the output of the transconductance
(gm) amplifier. Reference this pin to AGND2.
11
11
FB
Feedback Node on the Secondary Side. Set up the resistive divider from the output voltage
such that the nominal voltage, when the power supply is in regulation, is 1.2 V. Reference this
pin to AGND2.
12
12
OVP
Output Overvoltage Protection. The OVP threshold is set at 1.36 V. Connect a resistive divider
from OVP to the output and AGND2.
13
13
VDD2
Input Supply on the Secondary Side. Connect VDD2 to the output voltage of the power
supply for a self driven configuration. Connect a 4.7 μF capacitor from VDD2 to AGND2. The
size of this capacitor can be reduced if the input voltage to VDD2 is guaranteed to be stable.
14
14
VREG2
5 V Regulated LDO Output for Internal Bias and Powering of the Drivers of the Synchronous
Rectifiers. Do not use VREG2 as a reference or load. Connect a 1 μF capacitor from VREG2 to
AGND2.
15
15
AGND2
Analog Ground on Secondary Side.
16
16
SR
Driver Output for Synchronous Rectifier MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com