Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1071-2ARWZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1071-2ARWZ-R7
Description  Isolated Synchronous Flyback Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1071-2ARWZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1071-2ARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 13Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 14Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1071-2ARWZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 15 of 27
DETAILED BLOCK DIAGRAM
Figure 17 shows a detailed block diagram of the ADP1071-1/ADP1071-2.
VREG1
14V
VIN/MODE1
1THIS PIN IS VIN ON THE ADP1071-2, AND MODE ON THE ADP1071-1
GATE
CS
8V LDO
5V
ADP1071-1/ADP1071-2
DRV
OSCILLATOR
RAMP
PWM
COMPARATOR
VMODE
OCP
THRESHOLD
SLOPE
COMP
RT
Q
S
R
LOGIC
AGND2
5V LDO
VDD2
THERMAL
LIMIT
LOGIC
OV
OVP
VREF2
VREG2
VREF
1.2V
VREG
SR
LOGIC
AND
DEAD
TIME
CTRL
COMP
RCLM
RSOFT START
VREG2
DRV
AGND1
OV
DC
1.36V
COMP
FB
gm
AMPLIFIER
1.2VREF
VREG2
SS2
OCP RECOVERY
SLOPE RAMP
SYNC
fOSC
EN
1.2V
4µA
1µA
Tx
Tx
COMP
SR
BIAS
LOGIC
OCP
CONTROL
LUM
CONTROL
OV DETECT
PRIMARY
TO SECONDARY
HANDOVER LOGIC
INTERNAL
SOFT
START
OV
Figure 17. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com