Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5046BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5046BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5046BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5046BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADRF5046
Data Sheet
Rev. 0 | Page 14 of 15
PROBE MATRIX BOARD
The probe matrix board uses the same stackup as the evaluation
board, but a different layout designed to perform measurements
using GSG probes at close proximity to the RF pins. Probing
eliminates the mismatch reflections caused by connectors,
cables, and board layout. Therefore, the probe matrix board
provides more accurate measurement of the device performance
than the evaluation board. Figure 29 shows the top view of the
probe matrix board layout.
The probe matrix board includes a through reflect line (TRL)
calibration kit allowing board loss de-embedding. The actual
board duplicates the same layout in matrix form to assemble
multiple devices at one time. All s parameters were measured
on this board.
Figure 29. Probe Matrix Board Layout (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com