Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5046BCCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5046BCCZN-R7
Description  Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5046BCCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5046BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5046BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
ADRF5046
Data Sheet
Rev. 0 | Page 15 of 15
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
1.60
1.50 SQ
1.40
0.40
BSC
0.125
REF
1.60 REF
SQ
0.325
0.275
0.225
0.250
0.200
0.150
0.333
0.330
0.300
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
EXPOSED
PAD
0.530 REF
0.960 MAX
CHAMFERED
PIN 1 (0.25 × 45°)
PIN 1
CORNER AREA
Figure 30. 20-Terminal Land Grid Array [LGA]
(CC-20-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5046BCCZN
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-6
046
ADRF5046BCCZN-R7
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-6
046
ADRF5046-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16764-0-4/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com