Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721BCCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5721BCCZN-R7
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721BCCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5721BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADRF5721
Rev. 0 | Page 15 of 17
Figure 30. Evaluation Board Schematic
Table 8. Evaluation Board Components
Component
Default Value
Description
C1, C2
100 pF
Capacitors, C0402 package
J1, J2
Not applicable
2.4 mm end launch connectors (Southwest Microwave: 1492-04A-6)
P1
Not applicable
2 × 9-pin header
R1 to R6
0 Ω
Resistors, 0402 package
TP1, TP2, TP4
Not applicable
Through hole mount test points
U1
ADRF5721
ADRF5721 digital attenuator, Analog Devices, Inc.
D4/SERIN
EPAD
D5/CLK
GND
ATTIN
1
2
3
4
12
11
10
9
VDD
D4_SERIN
R4
0
VSS
GND
ATTOUT
ADRF5721
17
D5_CLK
ATTIN
ATTOUT
J2
THRU CAL
J3
DNI
J4
DNI
J1
R3
0
PS
R1
0
LE
VDD
TP1
C1
100pF
VSS
TP2
C2
100pF
R2
0
D3_SEROUT
0
R5
D2
0
R6
2
6
1
3
4
8
5
7
10
12
9
PS
P1
LE
D5_CLK
D4_SERIN
D3_SEROUT
D2
GND
TP4
11
14
16
13
15
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com