Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5721BCCZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5721BCCZN-R7
Description  Silicon Digital Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5721BCCZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5721BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5721BCCZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADRF5721
Data Sheet
Rev. 0 | Page 16 of 17
PROBE MATRIX BOARD
The probe matrix board is a 4-layer board. Similar to the evaluation
board, the probe matrix board also uses a 12 mil Rogers RO4003
dielectric. The top and bottom copper layers are 0.5 oz (0.7 mil)
plated to 1.5 oz (2.2 mil). The RF transmission lines are designed
using a CPWG model with a width of 16 mil and ground
spacing of 6 mil to have a characteristic impedance of 50 Ω.
Figure 31 and Figure 32 show the cross sectional view and the
top view of the board, respectively. Measurements are made
using GSG probes at close proximity to the RF pins (ATTIN
and ATTOUT). Unlike the evaluation board, probing reduces
reflections caused by mismatch arising from connectors, cables,
and board layout, resulting in a more accurate measurement of
the device performance.
Figure 31. Probe Matrix Board (Cross Sectional View)
Figure 32. Probe Matrix Board Layout (Top View)
The probe matrix board includes a thru reflect line (TRL)
calibration kit, allowing board loss de-embedding. The actual
board duplicates the same layout in matrix form to assemble
multiple devices at one time. Figure 33 is a detailed image of
the trace to pin transition with corresponding dimensions. All
S parameters were measured on this board.
Figure 33. Probe Board Layout Dimensions (Top View)
RO4003
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 16mil
G = 6mil
T = 2.2mil
H = 12mil
8mil
16mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com