Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5731BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5731BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5731BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADRF5731
Data Sheet
Rev. 0 | Page 6 of 17
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VDD)
−0.3 V to +3.6 V
Negative Supply Voltage (VSS)
−3.6 V to +0.3 V
Digital Control Input Voltage
−0.3 V to VDD + 0.3 V
RF Input Power1 (f = 10 MHz to 30 GHz,
TCASE = 85°C2)
ATTIN
Steady State Average
27 dBm
Steady State Peak
31 dBm
Hot Switching Average
25 dBm
Hot Switching Peak
28 dBm
ATTOUT
Steady State Average
19 dBm
Steady State Peak
22 dBm
Hot Switching Average
16 dBm
Hot Switching Peak
19 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow
260°C
Continuous Power Dissipation (PDISS)
0.5 W
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
ATTIN and ATTOUT Pins
500 V
Digital Pins
2000 V
Charged Device Model (CDM)
1250 V
1
For power derating over frequency, see Figure 2 and Figure 3. Applicable for
all ATTIN and ATTOUT power specifications.
2
For 105°C operation, the power handling derates from the TCASE = 85°C
specifications by 3 dB.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC
Unit
CC-16-6
100
°C/W
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C
ESD CAUTION
2
–16
–14
–12
–10
–8
–6
–4
–2
0
1k
10k
100G
10G
100M
1M
1G
10M
100k
FREQUENCY (Hz)
2
–16
–14
–12
–10
–8
–6
–4
–2
0
26
50
48
46
34
40
28
36
42
30
38
44
32
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com