Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5731BCCZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF5731BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5731BCCZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF5731BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5731BCCZN-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
ADRF5731
Rev. 0 | Page 17 of 17
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 34. 16-Terminal Land Grid Array [LGA]
2.5 mm × 2.5 mm Body and 0.75 mm Package Height
(CC-16-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5731BCCZN
−40°C to +105°C
16-Terminal Land Grid Array [LGA]
CC-16-6
31
ADRF5731BCCZN-R7
−40°C to +105°C
16-Terminal Land Grid Array [LGA]
CC-16-6
31
ADRF5731-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2.60
2.50 SQ
2.40
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
4
5
8
9
12
13
16
1.10
1.00 SQ
0.90
0.40
BSC
0.125
REF
1.20 REF
0.250
0.200
0.150
0.325
0.275
0.225
0.850
0.750
0.650
0.260
0.220
0.180
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.530 REF
CHAMFERED
PIN 1 (0.1 × 45°)
PIN 1
CORNER AREA
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17000-0-9/18(0)
www.analog.com/ADRF5731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com