Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP30N25L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP30N25L2
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP30N25L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP30N25L2 Datasheet HTML 1Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 2Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 3Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 4Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 5Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 6Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
250
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
250
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C30
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
65
A
I
A
T
C = 25C
15
A
E
AS
T
C = 25C2
J
P
D
T
C = 25C
355
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
DS100919A(7/18)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
250
V
V
GS(th)
V
DS = VGS, ID = 250A
2.5
4.5
V
I
GSS
V
GS =  20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
50
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
140 m
IXTA30N25L2
IXTP30N25L2
IXTH30N25L2
V
DSS
= 250V
I
D25
= 30A
R
DS(on)
 140m
Linear L2TM
Power MOSFET
w/ Extended FBSOA
N-Channel Enhancement Mode
Avalanche Rated
Features
Designed for Linear Operation
International Standard Packages
Avalanche Rated
Molding Epoxies Meet UL 94 V-0
Flammability Classification
Guaranteed FBSOA at 75°C
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Solid State Circuit Breakers
Soft Start Controls
Linear Amplifiers
Programmable Loads
Current Regulators
Advance Technical Information
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
TO-263 (IXTA)
G
S
D (Tab)
TO-220 (IXTP)
D (Tab)
S
G
D


Similar Part No. - IXTP30N25L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP300N04T2 IXYS-IXTP300N04T2 Datasheet
208Kb / 7P
TrenchT2 Power MOSFET
logo
Inchange Semiconductor ...
IXTP300N04T2 ISC-IXTP300N04T2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP30N25L2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com