Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP30N25L2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP30N25L2
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP30N25L2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP30N25L2 Datasheet HTML 1Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 2Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 3Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 4Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 5Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 6Page - IXYS Corporation IXTP30N25L2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA30N25L2 IXTP30N25L2
IXTH30N25L2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
7
11
15
S
C
iss
3200
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
430
pF
C
rss
130
pF
t
d(on)
22
ns
t
r
78
ns
t
d(off)
65
ns
t
f
23
ns
Q
g(on)
130
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
22
nC
Q
gd
77
nC
R
thJC
0.35
C/W
R
thCS
(TO-220)
0.50
C/W
(TO-247)
0.21
C/W
Safe Operating Area Specification
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
SOA
V
DS = 200V, ID = 1.07A, TC = 75°C, tp = 2s
214
W
Resistive Switching Times
V
GS = 10V, 0.5 • VDSS, ID = 0.5 • ID25
R
G = 3 (External)
Note
1: Pulse test, t
 300s, duty cycle, d  2%.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V, Note1
30
A
I
SM
Repetitive, Pulse Width Limited by T
JM
120
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
315
ns
Q
RM
3.1
C
I
RM
19.5
A
I
F = 15A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com