Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4293IMSPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LT4293IMSPBF
Description  PD Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293IMSPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT4293IMSPBF Datasheet HTML 8Page - Analog Devices LT4293IMSPBF Datasheet HTML 9Page - Analog Devices LT4293IMSPBF Datasheet HTML 10Page - Analog Devices LT4293IMSPBF Datasheet HTML 11Page - Analog Devices LT4293IMSPBF Datasheet HTML 12Page - Analog Devices LT4293IMSPBF Datasheet HTML 13Page - Analog Devices LT4293IMSPBF Datasheet HTML 14Page - Analog Devices LT4293IMSPBF Datasheet HTML 15Page - Analog Devices LT4293IMSPBF Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT4293
13
Rev. 0
For more information www.analog.com
an auxiliary power input, install a TVS between VIN and
GND. See Layout Considerations for TVS placement.
For extremely high cable discharge and surge protection,
contact Analog Devices Applications.
Exposed Pad
The LT4293 DFN package has an exposed pad that is
internally connected to GND. The exposed pad may only
be connected to GND on the printed circuit board.
TYPICAL APPLICATIONS
4293 TA03
LT4321
TG36
BG12
PSMN075-100MSE ×4
PSMN075-100MSE ×4
WURTH 749022016
BG36
IN36
IN45
IN78
IN12
DATA
PAIRS
1
2
3
6
4
5
8
7
SPARE
PAIRS
OUTN
EN
OUTP
SMAJ58A
VPORT
PWRGD
AUX
RCLASS
T2P
RCLASS++
HSGATE
PSMN040-100MSE
LT4293
GND
EN
TG12
BG45
TG78
TG45
BG78
HSSRC
ISOLATED
POWER
SUPPLY
GND
RUN
VOUT
VIN
22µF
–
+
RCLS
140
RCLS++
46.4
+
47nF
3.3k
100k
CPD2
0.047µF
CPD1
0.047µF
OPTO
PSE TYPE
(TO µP)
PSE TYPE
T2P RESPONSE ALLOCATED POWER
IEEE 802.3at 25.5W
LOW-Z TO GND
25.5W
IEEE 802.3bt 51W
50% LOW-Z
51W
OR HIGHER POWER
LTPoE++ 52.7W
75% LOW-Z
52.7W
OR HIGHER POWER
LTPoE++/IEEE 802.3bt-Compliant > 99% Efficient 51W Powered Device
LAYOUT CONSIDERATIONS
Avoid excessive parasitic capacitance on the RCLASS
and RCLASS++ pins and place resistors RCLS and RCLS++
close to the LT4293.
It is strictly required for maximum protection to place the
0.1μF input capacitor, CPD, and transient voltage suppres-
sor as close to the LT4293 as possible. When operating
the LT4293 with the LT4321, place a 0.047μF capacitor,
CPD1, as close as possible to the LT4293 VPORT and
GND pins (pin 10 and pin 5, respectively), and a 0.047μF
capacitor, CPD2, as close as possible to the LT4321 OUTP
and OUTN pins.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com