Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4293IMSPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LT4293IMSPBF
Description  PD Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293IMSPBF Datasheet(HTML) 2 Page - Analog Devices

  LT4293IMSPBF Datasheet HTML 1Page - Analog Devices LT4293IMSPBF Datasheet HTML 2Page - Analog Devices LT4293IMSPBF Datasheet HTML 3Page - Analog Devices LT4293IMSPBF Datasheet HTML 4Page - Analog Devices LT4293IMSPBF Datasheet HTML 5Page - Analog Devices LT4293IMSPBF Datasheet HTML 6Page - Analog Devices LT4293IMSPBF Datasheet HTML 7Page - Analog Devices LT4293IMSPBF Datasheet HTML 8Page - Analog Devices LT4293IMSPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT4293
2
Rev. 0
For more information www.analog.com
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
VPORT, HSSRC Voltages ......................... –0.3V to 100V
HSGATE Current.................................................. ±20mA
RCLASS, RCLASS++
Voltages.......................... –0.3V to 8V (and ≤ VPORT)
AUX Current........................................................ ±1.4mA
T2P, PWRGD Voltage ............................... –0.3V to 100V
T2P, PWRGD Current ...............................................5mA
(Notes 1, 3)
TUBE
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4293IDD#PBF
LT4293IDD#TRPBF
LHJX
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT4293HDD#PBF
LT4293HDD#TRPBF
LHJX
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT4293IMS#PBF
LT4293IMS#TRPBF
LTHJY
10-Lead Plastic MSOP
–40°C to 85°C
LT4293HMS#PBF
LT4293HMS#TRPBF
LTHJY
10-Lead Plastic MSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJC = 5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB GND
10
9
6
7
8
4
5
3
2
1
VPORT
HSGATE
HSSRC
PWRGD
T2P
GND
AUX
RCLASS
RCLASS++
GND
1
2
3
4
5
GND
AUX
RCLASS
RCLASS++
GND
10
9
8
7
6
VPORT
HSGATE
HSSRC
PWRGD
T2P
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJC = 45°C/W
PIN CONFIGURATION
Operating Junction Temperature Range (Note 4)
LT4293I................................................–40°C to 85°C
LT4293H ............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature
(Soldering, 10 sec.)..................... 300°C (MSOP Only)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPORT Operating Input Voltage
At VPORT Pin
l
60
V
VSIG
VPORT Signature Range
At VPORT Pin
l
1.5
10
V
VCLASS
VPORT Classification Range
At VPORT Pin
l
12.5
21
V
VMARK
VPORT Mark Range
At VPORT Pin, Preceded by VCLASS
l
5.6
10
V
VPORT Aux Mode Range
At VPORT Pin, AUX > VAUXT
l
8
60
V
Signature/Class Hysteresis Window
l
1.0
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com