Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC157AFK Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC157AFK
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC157AFK Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC157AFK Datasheet HTML 2Page - Texas Instruments SN74LVC157AFK Datasheet HTML 3Page - Texas Instruments SN74LVC157AFK Datasheet HTML 4Page - Texas Instruments SN74LVC157AFK Datasheet HTML 5Page - Texas Instruments SN74LVC157AFK Datasheet HTML 6Page - Texas Instruments SN74LVC157AFK Datasheet HTML 7Page - Texas Instruments SN74LVC157AFK Datasheet HTML 8Page - Texas Instruments SN74LVC157AFK Datasheet HTML 9Page - Texas Instruments SN74LVC157AFK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN54LVC157A, SN74LVC157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCAS292O − JANUARY 1993 − REVISED FEBRUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
FROM
TO
SN54LVC157A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
−55 TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
MAX
UNIT
A or B
2.7 V
6.2
A or B
3.3 V
± 0.3 V
0.8
5.4
tpd
A/B
Y
2.7 V
8.2
ns
tpd
A/B
Y
3.3 V
± 0.3 V
0.8
7
ns
G
2.7 V
7.8
G
3.3 V
± 0.3 V
0.8
6.5
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
FROM
TO
SN74LVC157A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
1.8 V
± 0.15 V
1
5.5
13.5
1
14
1
15.5
A or B
2.5 V
± 0.2 V
1
3.2
7.4
1
7.9
1
10
A or B
2.7 V
1
3.6
5.7
1
5.9
1
7.4
3.3 V
± 0.3 V
1
3
5
1
5.2
1
6.4
1.8 V
± 0.15 V
1
6
15.5
1
16
1
17.5
tpd
A/B
Y
2.5 V
± 0.2 V
1
3.7
9.6
1
10.1
1
12.2
ns
tpd
A/B
Y
2.7 V
1
4.1
7.9
1
8.1
1
10
ns
3.3 V
± 0.3 V
1
3.4
6.6
1
6.8
1
8.4
1.8 V
± 0.15 V
1
5.9
13.5
1
14
1
15.5
G
2.5 V
± 0.2 V
1
3.5
9.3
1
9.8
1
11.9
G
2.7 V
1
3.9
7.6
1
7.8
1
9.3
3.3 V
± 0.3 V
1
3.3
6.3
1
6.5
1
7.9
tsk(o)
1.8 V
± 0.15 V
2
2.5
ns
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC
TYP
UNIT
1.8 V
14*
Cpd
Power dissipation capacitance
f = 10 MHz
2.5 V
15*
pF
Cpd
Power dissipation capacitance
f = 10 MHz
3.3 V
16
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com