Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC157AFK Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC157AFK
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC157AFK Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC157AFK Datasheet HTML 1Page - Texas Instruments SN74LVC157AFK Datasheet HTML 2Page - Texas Instruments SN74LVC157AFK Datasheet HTML 3Page - Texas Instruments SN74LVC157AFK Datasheet HTML 4Page - Texas Instruments SN74LVC157AFK Datasheet HTML 5Page - Texas Instruments SN74LVC157AFK Datasheet HTML 6Page - Texas Instruments SN74LVC157AFK Datasheet HTML 7Page - Texas Instruments SN74LVC157AFK Datasheet HTML 8Page - Texas Instruments SN74LVC157AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54LVC157A, SN74LVC157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCAS292O − JANUARY 1993 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operate From 1.65 V to 3.6 V
D Specified From −40°C to 85°C,
−40
°C to 125°C, and −55°C to 125°C
D Inputs Accept Voltages to 5.5 V
D Max tpd of 5.2 ns at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54LVC157A ...J OR W PACKAGE
SN74LVC157A . . . D, DB, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
SN54LVC157A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A /B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
NC − No internal connection
1B
1Y
NC
2A
2B
SN74LVC157A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
G
4A
4B
4Y
3A
3B
1A
1B
1Y
2A
2B
2Y
description/ordering information
These quadruple 2-line to 1-line data selectors/multiplexers are designed for 1.65-V to 3.6-V VCC operation.
The ’LVC157A devices feature a common strobe (G) input. When G is high, all outputs are low. When G is low,
a 4-bit word is selected from one of two sources and is routed to the four outputs. The devices provide true data.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
QFN − RGY
Reel of 1000
SN74LVC157ARGYR
LC157A
Tube of 40
SN74LVC157AD
SOIC − D
Reel of 2500
SN74LVC157ADR
LVC157A
SOIC − D
Reel of 250
SN74LVC157ADT
LVC157A
−40
°C to 125°C
SOP − NS
Reel of 2000
SN74LVC157ANSR
LVC157A
−40
°C to 125°C
SSOP − DB
Reel of 2000
SN74LVC157ADBR
LC157A
Tube of 90
SN74LVC157APW
TSSOP − PW
Reel of 2000
SN74LVC157APWR
LC157A
TSSOP − PW
Reel of 250
SN74LVC157APWT
LC157A
CDIP − J
Tube of 25
SNJ54LVC157AJ
SNJ54LVC157AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LVC157AW
SNJ54LVC157AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LVC157AFK
SNJ54LVC157AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC157AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A TI1-SN74LVC157A Datasheet
2Mb / 40P
SNx4LVC157A Quadruple 2-Line to 1-Line Data Selectors/Multiplexers
MAY 2024
SN74LVC157A TI1-SN74LVC157A Datasheet
1Mb / 23P
SN74LVC157A-Q1 Automotive Quadruple 2-Line to 1-Line Data Selector/Multiplexer
MAY 2024
SN74LVC157A TI1-SN74LVC157A Datasheet
1Mb / 22P
SN74LVC157A-Q1 Automotive Quadruple 2-Line to 1-Line Data Selector/Multiplexer
DECEMBER 2024
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

Similar Description - SN74LVC157AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com