Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE-R8-3W36HC Datasheet(PDF) 6 Page - Shanghai Toplite Technology Company Limited

Part # TE-R8-3W36HC
Description  TECHNICAL DATA SHEET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

TE-R8-3W36HC Datasheet(HTML) 6 Page - Shanghai Toplite Technology Company Limited

Back Button TE-R8-3W36HC Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 10Page - Shanghai Toplite Technology Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TECHNICAL DATA SHEET
产品数据表
TE-R8-3 XXXX
<FOR COB MODULE>
5 / 12
PREPARED BY:Lisa.y
TE-R8
SERIES
A/3
Revision issued in 2014.
5.
RELIABILITY
可靠性
The reliability of products shall be satisfied with items listed below.
产品可靠性应满足以下各项要求
5-1. TEST ITEMS AND TEST CONDITIONS
检验/测试项目
NO.
TEST ITEM
测试项目
TEST CONDITIONS
测试条件
1
Continuous operation test
持续性测试
Ta = 25℃, IF =80mA × 1000 hours(with Al fin)
T j=110℃, IF =80mA × 1000 hours(with Al fin)
2
Low temperature storage test
低温储藏测试
Ta = -40℃×1000 hours
3
High temperature storage test
高温储藏测试
Ta = +100℃×1000 hours
4
Moisture resistance test
防潮测试
Ta = 60℃, 90%RH for 500 hours
5
Thermal shock test
冷热冲击测试
Ta = -40℃×30minutes~100℃×30minutes, 100 cycle
5-2. FAILURE CRITERIA
失效标准
NO.
ITEM
项目
SYMBOL
符号
CONDITIONS
条件
FAILURE CRITERIA
失效准则
1
Forward Voltage
正向电压
VF
IF=80mA
VF > Initial value ×1.1
2
Luminous Flux
光通量
Φ
IF=80mA
Ф < Initial value ×0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com