Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE-R8-3W36HC Datasheet(PDF) 12 Page - Shanghai Toplite Technology Company Limited

Part # TE-R8-3W36HC
Description  TECHNICAL DATA SHEET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

TE-R8-3W36HC Datasheet(HTML) 12 Page - Shanghai Toplite Technology Company Limited

Back Button TE-R8-3W36HC Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 10Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 11Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 12Page - Shanghai Toplite Technology Company Limited TE-R8-3W36HC Datasheet HTML 13Page - Shanghai Toplite Technology Company Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TECHNICAL DATA SHEET
产品数据表
TE-R8-3 XXXX
<FOR COB MODULE>
11 / 12
PREPARED BY:Lisa.y
TE-R8
SERIES
A/3
Revision issued in 2014.
7-2
.Storage Condition 存储条件
7-2-1.Products should not be stored within dirty or corrosive places.
此产品应避免放于如高温、高湿、不洁或者有腐蚀性的不适宜环境下;
Suggested storage Condition:Temperature: 5℃±5℃;Humidity: ≤60%RH.
建议储存条件:温度 25℃±5℃; 湿度≤60%RH;
7-2-2.The product cannot suffer from weight.
不要使其受到重压;
7-2-3.After long-time storage, it needs to go through dehumidification treatment before soldering.
产品经过长时间储存在焊接前需要做除湿处理;
7-3
.Anti-static Precautions 防静电措施
7-3-1.Please implement suitable measures to avoid static electricity, such as putting on antistatic clothing,
gloves, wristbands, etc.
请采取适当的措施以防止任何静电的产生,如:处理该产品时佩戴腕带或防静电手套、
穿着防静电服饰;
7-3-2.The plant, equipment, machine and other things involved in the production process should be
connected to the ground, which can protect the product from static electricity.
产品生产的任何环节(厂房,设备,机器等)应连接到地面,避免本产品被静电破坏;
7-3-3.After long-time storage, it needs to go through dehumidification treatment before soldering.
产品经过长时间储存,在焊接前需要做除湿处理;
7-3-4.We suggest you to test the finished products, so as to ensure they are in good condition without
electric leakage.
COB 组装成最终产品,建议进行检测,以确保组装好的产品不被静电损坏(电气泄漏现象)
;
7-4
.Product Assembly 产品组装
7-4-1.Products must be assembled on the heat sink.
产品需要组装在散热器上面;
7-4-2.Bonding on rough or uneven surface would increase thermal resistance and heat quantity. Therefore,
the contact surface between the product and the heat sink is supposed to be smooth without burr.
粗糙、不均匀和毛刺的表面热粘合会产生负面影响,加大热阻,增加热量,故产品及
散热器接触面应均匀无毛刺;
7-4-3.Processing LED junction at a high temperature may influence the luminous flux and service life
of LED. Please make sure that the LED junction temperature is lower than maximum rated value.
高温度操作 LED,不利 LED 的光输出和寿命的性能。故 LED 的结温应不超过绝对最大额定值;
7-5
.Soldering Condition 焊接条件
7-5-1.is not appropriate for reflow soldering process.
产品不适应回流焊接;
7-5-2.Please choose lead-free soldering.
请使用无铅焊接;
7-5-3.When soldering through an electric soldering iron:
使用电烙铁焊接时注意事项:
ensure that the temperature of soldering iron tip is 350℃±5℃;
烙铁尖温度要求在 350℃±5℃;
Soldering time: ≤ 3s; Soldering iron power: ≤40W; Soldering times: ≤2;
焊接时间不超过 3s,烙铁功率≤40W,焊接次数小于等于 2 次;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com