Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9713 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9713
Description  5V, 3.5A Low Side Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9713 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9713 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN CONFIGURATION
1
2
3
6
4
SOT23-6
OUT
EN
IN
ILIM
GND
ETA1036
5 OUT
ABSOLUTE MAXIMUM RATINGS
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating
conditions for long periods may affect device reliability.)
All Pin Voltage ............................................................–0.3V to 6.5V
SW to ground current………..…………..…………...Internally limited
Operating Temperature Range …..……………....…–40°C to 85°C
Storage Temperature Range …….…….………….–55°C to 150°C
Thermal Resistance
JA
SOT23-6 ……………………………………….………………190 ............. °C/W
ELECTRICAL CHACRACTERISTICS
(VIN =5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.5
5.5
V
Input Clamped Voltage
5.5
V
Input UVLO
Rising, Hysteresis=250mV
2.35
V
Input Supply Current
RILIM=20K
100
uA
Input Shutdown Current
0.5
1.5
uA
Power Switch On Resistance
ISW =500mA
50
mΩΩ
ISW =500mA, -40°C≤TJ≤120°C
80
mΩΩ
Current limit Threshold
RILIM=1K
3.5
A
RILIM=2K
1.75
A
RILIM=3.5K
1.00
A
Current limit Foldback
RILIM=1K
1
A
Current limit Foldback Voltage
VIN-1V
V
Short-circuit hiccup on time
10
ms
Short-circuit hiccup off time
160
ms
EN input pull-up resistance
2000
kΩΩ
EN Input Logic High threshold
1
V
EN Input Logic Low threshold
0.66
V
Thermal Shutdown
160
o C
Thermal Shutdown Hysteresis
15
o C
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
EN
Enable pin. Tie high to enable the power switch, tie low to disable.
2
GND
Ground
3
IN
Input power for internal circuitry. Bypass with a 10uF cap to OUT and a 1uF cap to GND.
4
ILIM
Curernt limit external setting pin. Connect a resistor (Rlim) between this pin and ground to
set the current limit. And it follows the equation: Ilim=3300/Rlim (A)
5,6
OUT
Output power pin. Connect to the negative terminal of the external load
HM9713



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com