Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9713 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9713
Description  5V, 3.5A Low Side Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9713 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9713 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9713 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25OC unless otherwise specified.)
Power Switch Rdson Vs. Vin
VOUT- Vs. Iout at diffreent Rlimsetting
Short Circuit Proection
Short Circuit Recovery
PCB GUIDELINE
To guarantee a good output current control characteristic, the output capacitance is always recommended to be as large
as possible, such as a 10uF MLCC capacitor in parallel with a 100uF electrolytic capacitor as shown in the demo board
below. Please also refer to the demo board that to place the input capacitor and output capacitor just next to the chip.
50
55
60
65
70
75
80
85
90
95
100
2
2.5
3
3.5
4
4.5
5
5.5
Vin(V)
Iout=0.5A
Iout=1A
Iout=2A
Iout=3A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
Iout (A)
Rlim=3K
Rlim=1.5K
Rlim=1K
Vin
Vout
Iout
Vin
Vout
Iout
HM9713



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com