Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28317PVC-2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28317PVC-2
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28317PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 7 of 21
Byte 3: Control Register 3
Bit
Pin#
Name
Default
Description
Bit 7
–
Reserved
1
Reserved
Bit 6
–
SEL_48MHz
0
0 = 24 MHz
1 = 48 MHz
Bit 5
27
48MHz
1
(Active/Inactive)
Bit 4
26
24_48MHz
1
(Active/Inactive)
Bit 3
–
Reserved
1
Reserved
Bit 2
31, 30
SDRAM4:5
1
(Active/Inactive)
Bit 1
34, 33
SDRAM2:3
1
(Active/Inactive)
Bit 0
37, 36
SDRAM0:1
1
(Active/Inactive)
Byte 4: Control Register 4
Bit
Pin#
Name
Default
Description
Bit 7
–
Reserved
0
Reserved
Bit 6
–
Reserved
0
Reserved
Bit 5
–
Reserved
0
Reserved
Bit 4
–
Reserved
0
Reserved
Bit 3
–
Reserved
0
Reserved
Bit 2
–
Reserved
0
Reserved
Bit 1
–
Reserved
0
Reserved
Bit 0
–
Reserved
0
Reserved
Byte 5: Control Register 5
Bit
Pin#
Name
Default
Description
Bit 7
–
Reserved
0
Reserved
Bit 6
–
Reserved
0
Reserved
Bit 5
–
Reserved
0
Reserved
Bit 4
–
CPU1
Stop Control
0
0 = CPU1 will be stopped when
CPU_STOP# is active
1 = CPU1 will NOT be stopped when
CPU_STOP# is active
Bit 3
–
CPU0
Stop Control
0
0 = CPU0 will be stopped when CPU_STOP# is active
1 = CPU0 will NOT be stopped when CPU_STOP# is
active
Bit 2
–
CPUT and
CPUC Stop
Control
0
0 = CPUT and CPUC will be stopped when
CPU_STOP# is active
1 = CPUT and CPUC will NOT be stopped when
CPU_STOP# is active
Bit 1
2
REF1
1
(Active/Inactive)
Bit 0
3
REF0
1
(Active/Inactive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com