Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28317PVC-2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28317PVC-2
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28317PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 11Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 12Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 13Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 14Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 15Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 16Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 13 of 21
Programmable Output Frequency, Watchdog
Timer and Recovery Output Frequency
Functional Description
The Programmable Output Frequency feature allows users to
generate any CPU output frequency in the range of 50 MHz to
248 MHz. Cypress offers the most dynamic and the simplest
programming interface for system developers to utilize this
feature in their platforms.
The Watchdog Timer and Recovery Output Frequency fea-
tures allow users to implement a recovery mechanism when
the system hangs or gets unstable. System BIOS or other con-
trol software can enable the Watchdog Timer before they at-
tempt to make a frequency change. If the system hangs and a
Watchdog Timer time-out occurs, a system reset will be gen-
erated and a recovery frequency will be activated.
All the related registers are summarized in Table 7.
Table 7. Register Summary
Name
Description
Pro_Freq_EN
Programmable output frequencies enabled
0 = Disabled (default)
1 = Enabled
When it is disabled, the operating output frequency will be determined by either the latched value of
FS[4:0] inputs or the programmed value of SEL[4:0]. If FS_Override bit is clear, latched FS[4:0] inputs
will be used. If the FS_Override bit is set, the programmed value of SEL[4:0] will be used.
When it is enabled, the CPU output frequency will be determined by the programmed value of
CPUFSEL_N, CPUFSEL_M, and the PLL Gear Constant. The program value of FS_Override,
SEL[4:0] or the latched value of FS[4:0] will determine the PLL Gear Constant and the frequency ratio
between CPU and other frequency outputs
FS_Override
When Pro_Freq_EN is cleared or disabled,
0 = Select operating frequency by FS input pins (default)
1 = Select operating frequency by SEL bits in SMBus control bytes
When Pro_Freq_EN is set or enabled,
0 = Frequency output ratio between CPU and other frequency groups and the PLL Gear Constant are
based on the latched value of FS input pins (default)
1 = Frequency output ratio between CPU and other frequency groups and the PLL Gear Constant are
based on the programmed value of SEL bits in SMBus control bytes
CPU_FSEL_N,
CPU_FSEL_M
When Prog_Freq_EN is set or enabled, the values programmed in CPU_FSEL_N[7:0] and
CPU_FSEL_M[6:0] determine the CPU output frequency. The new frequency will start to load when-
ever there is an update to either CPU_FSEL_N[7:0] or CPU_FSEL_M[6:0]. Therefore, it is recom-
mended to use word or block Write to update both registers within the same SMBus bus operation.
The setting of FS_Override bit determines the frequency ratio for CPU and PCI. When FS_Override
is cleared or disabled, the frequency ratio follows the latched value of the FS input pins. When
FS_Override is set or enabled, the frequency ratio follows the programmed value of SEL bits in SMBus
control bytes.
ROCV_FREQ_SEL
ROCV_FREQ_SEL determines the source of the recover frequency when a Watchdog Timer time-out
occurs. The clock generator will automatically switch to the recovery CPU frequency based on the
selection on ROCV_FREQ_SEL.
0 = From latched FS[4:0]
1 = From the settings of ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0]
ROCV_FREQ_N[7:0],
ROCV_FREQ_M[6:0]
When ROCV_FREQ_SEL is set, the values programmed in ROCV_FREQ_N[7:0] and
ROCV_FREQ_M[6:0] will be used to determine the recovery CPU output frequency when a Watchdog
Timer time-out occurs
The setting of the FS_Override bit determines the frequency ratio for CPU and SDRAM. When it is
cleared, the same frequency ratio stated in the Latched FS[4:0] register will be used.
When it is set, the frequency ratio stated in the SEL[4:0] register will be used.
The new frequency will start to load whenever there is an update to either ROCV_FREQ_N[7:0] or
ROCV_FREQ_M[6:0]. Therefore, it is recommended to use word or block Write to update both regis-
ters within the same SMBus bus operation.
WD_EN
0 = Stop and reload Watchdog Timer. Unlock CY28317-2 from recovery frequency mode.
1 = Enable Watchdog Timer. It will start counting down after a frequency change occurs.
Note: CY28317-2 will generate system reset, reload a recovery frequency, and lock itself into a re-
covery frequency mode after a Watchdog Timer time-out occurs. Under recovery frequency mode,
CY28317-2 will not respond to any attempt to change output frequency via the SMBus control bytes.
System software can unlock CY28317-2 from its recovery frequency mode by clearing the WD_EN bit.
WD_TO_STATUS
Watchdog Timer Time-out Status bit
0 = No time-out occurs (READ); Ignore (WRITE)
1 = Time-out occurred (READ); Clear WD_TO_STATUS (WRITE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com