Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FJB102TM Datasheet(PDF) 2 Page - ON Semiconductor

Part # FJB102TM
Description  NPN High-Voltage Power Darlington Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJB102TM Datasheet(HTML) 2 Page - ON Semiconductor

  FJB102TM Datasheet HTML 1Page - ON Semiconductor FJB102TM Datasheet HTML 2Page - ON Semiconductor FJB102TM Datasheet HTML 3Page - ON Semiconductor FJB102TM Datasheet HTML 4Page - ON Semiconductor FJB102TM Datasheet HTML 5Page - ON Semiconductor FJB102TM Datasheet HTML 6Page - ON Semiconductor FJB102TM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJB102 Rev. 1.1.0
December 2014
FJB102
NPN High-Voltage Power Darlington Transistor
Features
• High DC Current Gain : hFE = 1000 at VCE = 4 V, IC = 3 A (Minimum)
• Low Collector-Emitter Saturation Voltage
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TC = 25°C unless otherwise noted.
Note:
1. Pulse test: pw ≤ 300 µs, duty cycle ≤ 2%.
Part Number
Top Mark
Package
Packing Method
FJB102TM
FJB102
TO-263 2L (D2PAK)
Tape and Reel
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
8
A
ICP
Collector Current (Pulse)(1)
15
A
IB
Base Current (DC)
1
A
PC
Collector Dissipation (TC = 25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
1.Base
2.Collector
3.Emitter
1
D2-PAK
R 1 10k Ω
≅
R 2 0.6k Ω
≅
Equivalent Circuit
B
E
C
R1
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com