Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FJB102TM Datasheet(PDF) 3 Page - ON Semiconductor

Part # FJB102TM
Description  NPN High-Voltage Power Darlington Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJB102TM Datasheet(HTML) 3 Page - ON Semiconductor

  FJB102TM Datasheet HTML 1Page - ON Semiconductor FJB102TM Datasheet HTML 2Page - ON Semiconductor FJB102TM Datasheet HTML 3Page - ON Semiconductor FJB102TM Datasheet HTML 4Page - ON Semiconductor FJB102TM Datasheet HTML 5Page - ON Semiconductor FJB102TM Datasheet HTML 6Page - ON Semiconductor FJB102TM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJB102 Rev. 1.1.0
2
Electrical Characteristics
Values are at TC = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO(sus) Collector-Emitter Sustaining Voltage
IC = 30 mA, IB = 0
100
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 500 µA, IC = 0
10
V
ICBO
Collector Cut-Off Current
VCB = 100 V, IE = 0
50
µA
ICEO
Collector Cut-Off Current
VCE = 50 V, IB = 050
µA
IEBO
Emitter Cut-Off Current
VEB = 5 V, IC = 0
2
mA
hFE
DC Current Gain
VCE = 4 V, IC = 3 A
1000
20000
VCE = 4 V, IC = 8 A
200
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 3 A, IB = 6 mA
2.0
V
IC = 8 A, IB = 80 mA
2.5
VBE(on)
Base-Emitter On Voltage
VCE = 4 V, IC = 8 A
2.8
V
Cob
Output Capacitance
VCB = 10 V, IE = 0,
f = 1 MHz
200
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com