Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3AMMM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT3AMMM
Description  RT3AMMM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3AMMM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT3AMMM Datasheet HTML 1Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 2Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 3Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RT3AMMM
独立2素子内蔵
複合 PNPトランジスタ
エミッタ接地出力特性
IB=0
0.02mA
0.04mA
0.06mA
0.08mA
0.10mA
0.12mA
0.14mA
0.16mA
0.18mA
-0
-10
-20
-30
-40
-50
-0
-1
-2
-3
-4
-5
コレクタ・エミッタ間電圧 VCE(V)
Ta=25℃
エミッタ接地伝達特性
-0
-10
-20
-30
-40
-50
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
ベース・エミッタ間電圧 VBE(V)
Ta=25℃
VCE=-6V
直流電流増幅率 − コレクタ電流
1
10
100
1000
10000
-0.1
-1
-10
-100
-1000
コレクタ電流 IC(mA)
Ta=25℃
VCE=-6V
100(@IC=-1mA)
利得帯域幅積 − エミッタ電流
0
50
100
150
200
250
0.1
1
10
100
エミッタ電流 IE(mA)
Ta=25℃
VCE=-6V
コレクタ出力容量 − コレクタ・ベース間電圧
0.1
1
10
100
-0.1
-1
-10
-100
コレクタ・ベース間電圧 VCB(V)
Ta=25℃
IE=0
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com