Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5822 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 1N5822
Description  40V 3A Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

1N5822 Datasheet(HTML) 1 Page - Silicon Supplies

  1N5822 Datasheet HTML 1Page - Silicon Supplies 1N5822 Datasheet HTML 2Page - Silicon Supplies 1N5822 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.siliconsupplies.com
 
Die Size (Unsawn)
1730 x 1730
59 x 59
µm
mils
Anode Pad Size
1321 x 1321
52 x 52
µm
mils
Die Thickness
270 (±20)
10.63 (0.79)
µm
mils
Top Metal Composition
Al ≥ 2.5µm
Back Metal Composition
Ti/Ni/Ag ≥ 3µm
40V 3A Schottky Diode – 1N5822
Schottky Barrier Rectifier diode in bare die form
Guardring for over-voltage protection
Very small conduction losses
Extremely fast switching
Low forward voltage drop
High reliability tested grades.
Rev 1.0
18/01/19
Features:
Die Dimensions in µm (mils)
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
CHIP BACKSIDE IS CATHODE
1321 (52)
1499 (59)
ANODE
ANODE


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
1N5822 PANJIT-1N5822 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
STMicroelectronics
1N5822 STMICROELECTRONICS-1N5822 Datasheet
63Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
logo
Surge Components
1N5822 SURGE-1N5822 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
1N5822 TRSYS-1N5822 Datasheet
159Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS304S17 TOREX-XBS304S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS304S17 TOREX-XBS304S17_12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS304S19R TOREX-XBS304S19R_12 Datasheet
109Kb / 4P
Schottky Barrier Diode, 3A, 40V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS304S19R-12 TOREX-XBS304S19R-12 Datasheet
109Kb / 4P
Schottky Barrier Diode, 3A, 40V Type
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 40V Type
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
40V, 3A Schottky Barrier Rectifiers
logo
PFC Device Inc.
P3L40A PFC-P3L40A Datasheet
690Kb / 5P
3A 40V MOS Schottky Rectifier
P3V40F-A PFC-P3V40F-A Datasheet
659Kb / 5P
3A 40V MOS Schottky Rectifier
PFB3L40 PFC-PFB3L40 Datasheet
561Kb / 5P
3A 40V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com