Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1771985 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1771985
Description  HC-B 24-SML-67/M1PG21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771985 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1771985 Datasheet HTML 1Page - PHOENIX CONTACT 1771985 Datasheet HTML 2Page - PHOENIX CONTACT 1771985 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 26, 2011
Extract from the online
catalog
 
HC-B 24-SML-67/M1PG21
Order No.: 1771985
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1771985
 
 
Box mounting base, with single locking latch, height 67 mm, with
screw connection, 1x Pg21
 
Commercial data
GTIN (EAN)
4
017918
036669
sales group
D002
Pack
10 pcs.
Customs tariff
85389099
Catalog page information
Page 497 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
02/17/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Design
B24
Height
67 mm
Width
57 mm
Length
144 mm
Housing type
Box mounting bases


Similar Part No. - 1771985

ManufacturerPart #DatasheetDescription
logo
Evolt
17719 EKTOR-17719 Datasheet
304Kb / 3P
HOVER CORE
3rd of February 2025 00:38:01
17719 EKTOR-17719 Datasheet
305Kb / 3P
HOVER CORE
3rd of February 2025 04:55:40
17719 EKTOR-17719 Datasheet
2Mb / 5P
HOVER SWITCH ADV
3rd of February 2025 04:56:21
17719 EKTOR-17719 Datasheet
3Mb / 6P
HOVER SWITCH ADV
3rd of February 2025 04:56:22
17719 EKTOR-17719 Datasheet
1Mb / 4P
HOVER PRO
3rd of February 2025 04:56:15
More results

Similar Description - 1771985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1772010 PHOENIX-1772010 Datasheet
92Kb / 3P
HC-B 24-SFQD-67/M1PG21
1772036 PHOENIX-1772036 Datasheet
96Kb / 3P
HC-B 24-SMLD-67/M1PG21
1586934 PHOENIX-1586934 Datasheet
71Kb / 3P
Housing - HC-B 24-SML-67/M1M25
1604785 PHOENIX-1604785 Datasheet
72Kb / 4P
Housing - HC-B 16-SML-67/O2M25
1673698 PHOENIX-1673698 Datasheet
61Kb / 3P
Housing - HC-B 16-SML-67/O1PG21
1674134 PHOENIX-1674134 Datasheet
65Kb / 3P
Housing - HC-B 24-SML-67/O1PG21
1771668 PHOENIX-1771668 Datasheet
95Kb / 3P
HC-B 16-SFQD-67/M1PG21
1771998 PHOENIX-1771998 Datasheet
100Kb / 3P
HC-B 24-SML-67/M2PG21
1773802 PHOENIX-1773802 Datasheet
76Kb / 4P
Housing - HC-HV 6-SML-67/M1PG21
1774063 PHOENIX-1774063 Datasheet
71Kb / 3P
Housing - HC-HV 10/16-SML-67/M1PG21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com