Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1771985 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1771985
Description  HC-B 24-SML-67/M1PG21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771985 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1771985 Datasheet HTML 1Page - PHOENIX CONTACT 1771985 Datasheet HTML 2Page - PHOENIX CONTACT 1771985 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HC-B 24-SML-67/M1PG21 Order No.: 1771985
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1771985
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Jan 26, 2011
Locking type
With single locking latch
No. of cable exits
1
Cable exit
Conductor exit direction to the left (looking into the open single
locking latch)
Type of the screw connection
1x Pg21
Pg screw connection
With
Wrench size, union nut
28 mm
External cable diameter
10 mm ... 19 mm
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
Housing material
Aluminum, die-cast
Housing surface material
Powder-coated, gray
Seal material
NBR
Cable gland material
Nickel-plated brass
Cable seal material
NBR
Material lock
High-grade steel, handle: PA-GF
Material grip body interlock
PA-GF
Certificates / Approvals
Certification
GOST
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com