Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT3906 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT3906
Description  SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT3906 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT3906 Datasheet HTML 1Page - Continental Device India Limited CMBT3906 Datasheet HTML 2Page - Continental Device India Limited CMBT3906 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS
Limiting values
Collector–base voltage (open emitter)
–VCB0
max.
40 V
Collector–emitter voltage (open base)
–VCE0
max.
40 V
Emitter–base voltage (open collector)
–VEB0
max.
5 V
Collector current (d.c.)
–I C
max.
200 mA
Total power dissipation
up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
THERMAL CHARACTERISTICS
Tj = P(Rth j–t + Rth t–s + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
=
500 K/W
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified
Collector–emitter breakdown voltage
–IC = 1 mA; lB = 0
–V(BR)CE0 min.
40 V
Collector–base breakdown voltage
–IC = 10µA; IE = 0
–V(BR)CB0 min.
40 V
Emitter–base breakdown voltage
—IE = 10 µA; IC = 0
–V(BR)EB0 min.
5 V
Collector cut–off current
–VCE = 30 V; –VEB = 3 V
–ICEX
max.
50 nA
Base current
with reverse biased emitter junction
–IBEX
max,
50 nA
Output capacitance at f = 100 kHz
IE = 0; –VCB = 5 V
Cc
max,
4,5 pF
Input capacitance at f = 100 kHz
IC = 0; –VBE = 0,5 V
Ce
max.
10 pF
Saturation voltages
–IC = 10 mA; –IB = 1 mA
–VCEsat
max. 0,25 V
–IC = 50 mA; –lB = 5 mA
–VCEsat
max.
0,4 V
–IC = 10 mA; –IB = 1 mA
–VBEsat
max. 0,85 V
min.
0,65 V
–IC = 50 mA; –lB = 5 mA
–VBEsat
max. 0,95 V
D.C. current gain
–IC = 0,1 mA; –VCE = 1 V
hFE
min.
60
–IC = 1 mA; –VCE = 1 V
hFE
min.
80
–IC = 10 mA; –VCE = 1 V
hFE
min.
100
max.
300
CMBT3906



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com