Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT3906 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT3906
Description  SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT3906 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT3906 Datasheet HTML 1Page - Continental Device India Limited CMBT3906 Datasheet HTML 2Page - Continental Device India Limited CMBT3906 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON EPITAXIAL TRANSISTOR
P–N–P transistor
Marking
CMBT3906 = 2A
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
–VCB0
max.
40 V
Collector–emitter voltage (open base)
–VCE0
max.
40 V
Emitter–base voltage (open collector)
–VEB0
max.
5 V
Collector current (d.c.)
–I C
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
D.C. current gain
–IC = 10 mA; –VCE = 1 V
hFE
100 to 300
Transition frequency at f = 100 MHz
–IC = 10 mA; –VCE = 20 V
fT
min.
250 MHz
CMBT3906
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBT3906

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBT3906 RECTRON-CMBT3906 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
logo
Central Semiconductor C...
CMBT3906E CENTRAL-CMBT3906E Datasheet
209Kb / 2P
COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
CMBT3906E CENTRAL-CMBT3906E Datasheet
358Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3906E CENTRAL-CMBT3906E Datasheet
358Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMBT3906

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
BC445 MICRO-ELECTRONICS-BC445 Datasheet
128Kb / 1P
SILICON EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
2SA2027 ETC-2SA2027 Datasheet
60Kb / 4P
SILICON EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
CMBT3905 CDIL-CMBT3905 Datasheet
65Kb / 3P
SILICON EPITAXIAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP69 SECOS-BCP69 Datasheet
840Kb / 2P
Silicon Epitaxial Transistor
BCP69-C SECOS-BCP69-C Datasheet
201Kb / 2P
Silicon Epitaxial Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com