Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012SF4C Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012SF4C
Description  2.0x1.25mm INFRARED EMITTING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012SF4C Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012SF4C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAB1077
REV NO: V.9B
DATE: JUL/01/2016
PAGE: 1 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203000168
2.0x1.25mm INFRARED EMITTING DIODE
Part Number: AP2012SF4C
Features
2.0mmx1.25mm SMD LED,1.1mm thickness.
Mechanically and spectrally matched to the phototransistor.
Package: 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Description
SF4 Made with Gallium Aluminum Arsenide Infrared Emit-
ting diodes.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AP2012SF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SF4C KINGBRIGHT-AP2012SF4C Datasheet
116Kb / 4P
2.0x1.25mm INFRA-RED EMITTING DIODE
AP2012SF4C-P22 KINGBRIGHT-AP2012SF4C-P22 Datasheet
645Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
More results

Similar Description - AP2012SF4C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
Kingbright Corporation
AP2012F3C KINGBRIGHT-AP2012F3C Datasheet
126Kb / 4P
2.0x1.25mm INFRA-RED EMITTING DIODE
AP2012SF4C KINGBRIGHT-AP2012SF4C Datasheet
116Kb / 4P
2.0x1.25mm INFRA-RED EMITTING DIODE
logo
SunLED Corporation
ZTHI54W SUNLED-ZTHI54W Datasheet
195Kb / 4P
2.0x1.25mm INFRARED EMITTING DIODE
ZTNI54W SUNLED-ZTNI54W Datasheet
194Kb / 4P
2.0x1.25mm INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SECK TO-GRACE-AP2012SECK Datasheet
791Kb / 4P
2.0x1.25mm INFRARED EMITTING DIODE
logo
Kingbright Corporation
KP-2012F3C KINGBRIGHT-KP-2012F3C Datasheet
391Kb / 5P
2.0x1.25mm INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com