Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012SF4C Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012SF4C
Description  2.0x1.25mm INFRARED EMITTING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012SF4C Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012SF4C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SF4C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAB1077
REV NO: V.9B
DATE: JUL/01/2016
PAGE: 2 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203000168
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Part No.
Emitting Color (Material)
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AP2012SF4C
Infrared (GaAlAs)
Water Clear
0.8
1.5
160
°
Po (mW/sr) [2]
@ 20mA
Parameter
P/N
Symbol
Typ.
Max.
Units
Test Conditions
Forward Voltage [1]
SF4
VF
1.3
1.6
V
IF=20mA
Reverse Current
SF4
IR
10
uA
VR = 5V
Capacitance
SF4
C
90
pF
VF=0V;f=1MHz
Peak Spectral Wavelength
SF4
λP
880
nm
IF=20mA
Spectral Bandwidth
SF4
Δλ1/2
50
nm
IF=20mA
Parameter
Symbol
Values
Units
Power dissipation
PD
80
mW
DC Forward Current
IF
50
mA
Peak Forward Current [1]
iFS
1.2
A
Reverse Voltage
VR
5
V
Operating Temperature
TA
-40 To +85
°C
Storage Temperature
TSTG
-40 To +85
°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Radiant intensity / luminous Flux: +/-15%.
3. Radiant intensity value is traceable to CIE127-2007 standards.
Notes:
1. Forward Voltage: + / -0.1V.
2. Wavelength value is traceable to CIE127-2007 standards.
3. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref
JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com